PART |
Description |
Maker |
IR2520D IR2520DS IR2520S |
600V Ballast Controller IC with Adaptive Zero-Voltage Switching, Internal Crest Factor Over-Current Protection and an Integrated Bootstrap Diode in a 8-Pin Dip package. 600V Ballast Controller IC with Adaptive Zero-Voltage Switching, Internal Crest Factor Over-Current Protection and an Integrated Bootstrap Diode in a 8-Pin SOIC package. IC,BALLAST/BACKLIGHTCONTROLLER/DRIVER,DIP,8PIN,PLASTIC
|
International Rectifier ir
|
L6520 L6521 L6520TR L6521TR |
Highly integrated ballast controller for TL and CFL
|
STMicroelectronics
|
IR21571 IR21571S IR21571STR IR2157S IR2157STR |
Ballast Control, Below Resonance Protection, Thermal Overload Protection, Protection from Failure to Strike, Programmable Preheat Time and Run Frequency, Programmable Deadtime, Automatic Restart for Lamp Exchange in a 16-pin DIP package Ballast Control, Below Resonance Protection, Thermal Overload Protection, Protection from Failure to Strike, Programmable Preheat Time and Run Frequency, Programmable Deadtime in a 16-pin DIP package Ballast Control, Below Resonance Protection, Thermal Overload Protection, Protection from Failure to Strike, Programmable Preheat Time and Run Frequency, Programmable Deadtime in a 16-lead SOIC Narrow package Ballast Control, Below Resonance Protection, Thermal Overload Protection, Protection from Failure to Strike, Programmable Preheat Time and Run Frequency, Programmable Deadtime, Automatic Restart for Lamp Exchange in a 16-lead SOIC Narrow p FULLY INTEGRATED BALLAST CONTROL IC
|
IRF[International Rectifier]
|
9LPRS355BGLF 9LPRS355BGLFT |
64-pin CK505 w/Fully integrated Voltage Regulator Integrated Series Resistor
|
Integrated Device Technology
|
ICS9LPRS501 9LPRS501YKLFT 9LPRS501YGLFT |
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
|
Integrated Device Technology
|
IR21592 IR21592S IR21592IR21593 IR21593 IR21593S I |
From old datasheet system DIMMING BALLAST CONTROL IC Dimming Ballast Control, Brown-out Protection, Programmable Preheat Time, 1.8us Deadtime in a 16-pin DIP package Dimming Ballast Control, Brown-out Protection, Programmable Preheat Time, 1.8us Deadtime in a 16-lead SOIC Narrow package Dimming lighting ballast, IR2159, European version, 230VAC line, 36W/T8 lamp Dimming lighting ballast down to 1%, IR2159, U.S. version, 120VAC line, 32W/T8 lamp Digital dimming DALI (Digital Addressable Lighting Interface) compliant lighting linear ballast with 1% dimming, IR2159, European ... Digital dimming DALI (Digital Addressable Lighting Interface) compliant lighting linear ballast with 1% dimming, IR2159, U.S. version, ...
|
IRF[International Rectifier]
|
ICS87972I-147 |
Fully integrated PLL
|
Integrated Device Techn...
|
AT97SC3201 |
A Fully integrated security module designed to be integrated into computer systems and other embedded systems. This is a summary document. A complete document is available under NDA. For more information, please contact your local Atmel sa
|
Atmel
|
88F6510 88F6530 88F6550 88F6560 |
Fully integrated SoC solution
|
Maxwell Technologies
|
PSB7110-FV1.0 |
ISAR (Enhanced ISDN Data Access Contr...
|
Infineon
|